PART |
Description |
Maker |
P1750A-30QLMB P1750A-20PGMB P1750A-30PGMB P1750A-3 |
SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 40 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 40 MHz, MICROPROCESSOR, QFP68
|
Pyramid Semiconductor, Corp.
|
CS1E221KR CS1C330KC CS1C221MT CS1C330KR CS1E221KC |
VERSA,STRIP,PC,BD,3,1/2,X IC, MCU,FLASH, Z8F2401VN020S 24KB ROM,31IO,A/D,20MHz,44PLCC IC, MCU,FLASH, Z8F2401PM020S 24KB ROM,31IO,A/D,20MHz,40PDIP IC, MCU,FLASH, Z8F2402VS020S 24KB ROM,46IO,A/D,20MHz,68PLCC PROTOBOARD,2 3/8 X 4,FOR DIPS, 14-20 PINS,0.1 IN. CENTERS LAMP,#51,INCANDESCENT G-3-1/2,7.50V,.220A,1.00MSCP #LAMP,#46,INCANDESCENT T-3-1/4,6.30V,.250A,.90MSCP RES,ARRAY,SMT,68 OHM, /-5%, /-200ppm,CONVEX(10) DISPLAY,LCD,SERIAL,4RX20C 1200,2400,9600,19.2K,BACKLIGHT TOOL KIT,COMPUTER SERVICE,40 PCS CHOKES,AXIAL,VARNISHED,RF 24 UH,800 IDC 60 SEC 2.4-5.5V SINGLE CHIP MU <NV 芯片类型,标 CHIP TYPE, STANDARD 芯片类型,标 MOTOR,GEAR,193RPM@24VDC SHT:.24"Dx.7"L,SOLDER TAB 芯片类型,标 **POSITIVE,DEVELOPER,6,OZ. 芯片类型,标 LAMP,#1847,INCANDESCENT T-3-1/4,6.30V,.150A,.380MSCP 芯片类型,标 4-MIN 3V SINGLE CHIP VOICE REC <NV 芯片类型,标 LAMP,#7715,INCANDESCENT T-1,5.00V,.115A,.150MSCP 芯片类型,标 IC, MPU,Z180, Z8S18020PSC 20MHz, UART CSIO, 5V, 64PDIP 芯片类型,标 IC, MCU,FLASH, Z8F4802VS020S 48KB ROM,46IO,A/D,20MHz,68PLCC 芯片类型,标
|
DB Lectro Inc. DB Lectro, Inc.
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
ADC-228 ADC-228MM ADC-228_883 ADC-228MC ADC-228/88 |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter From old datasheet system
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
P2353AB P2353AA P2300EC P0602AARP P1402AARP P1602A |
MCU CMOS 64 LD 33MHZ 8K EPRM, -40C to 85C, 64-TQFP, TRAY MCU CMOS 68 LD 33MHZ 8K EPRM, 0C to 70C, 68-PLCC, TUBE MCU CMOS 44 LD 33MHZ 4K EPRM, -40C to 85C, 44-PLCC, TUBE 18LD 20MHZ .5K EPRM/128 EEPROM, -40C to 85C, 18-PDIP, TUBE SIDAC|77V V(BO) MAX|800MA I(S)|TO-220VAR MCU CMOS 18 LD 20MHZ 1K FLASH, -40C to 85C, 18-SOIC 300mil, T/R SIDAC|160V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|180V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|220V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|300V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|350V V(BO) MAX|800MA I(S)|TO-220VAR 20LD 4MHZ 1K EPRM/128 EEPROM, -40C to 85C, 20-SSOP 208mil, TUBE MCU CMOS 28 LD 40MHZ 16K OTP, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 44 LD 25MHZ 4K EPRM, -40C to 85C, 44-TQFP, TRAY SIDAC|180V V(BO) MAX|800MA I(S)|TO-92VAR MCU CMOS 20LD 2K FLASH, 0C to 70C, 20-SSOP 208mil, T/R SIDAC|220V V(BO) MAX|800MA I(S)|TO-92VAR MCU CMOS 18LD 2K EPRM/128 EEPROM, -40C to 85C, 18-PDIP, TUBE SIDAC|160V V(BO) MAX|800MA I(S)|TO-92VAR 18LD 20MHZ 2K EPRM/128 EEPROM, -40C to 85C, 18-SOIC 300mil, T/R SIDAC|98V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|400V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|350V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|130V V(BO) MAX|800MA I(S)|DO-214AA SIDAC|40V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|210V V(BO) MAX|800MA I(S)|TO-220VAR 20LD 20MHZ 2K FLASH, -40C to 85C, 20-SSOP 208mil, T/R 20LD 4MHZ 2K EPRM/128 EEPROM, -40C to 85C, 20-SSOP 208mil, T/R MCU CMOS 18 LD LOW PWR, -40C to 85C, 18-SOIC 300mil, T/R SIDAC的| 260伏特五(公报)最大| 800mA的我(县)|DO - 214AA SIDAC的| 77V V(下公报)最大| 800mA的我(县)|220VAR SIDAC的| 40V的五(公报)最大| 800mA的我(县)|220VAR SIDAC的| 130V五(公报)最大| 800mA的我(县)|220VAR SIDAC的| 180V五(公报)最大| 800mA的我(县)|220VAR SIDAC的| 180V五(公报)最大| 800mA的我(县)|20VAR SIDAC的| 220五(公报)最大| 800mA的我(县)|20VAR MCU CMOS 40 LD 4MHZ 8K OTP, -40C to 85C, 40-PDIP, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 44 LD 10MHZ 8K OTP, 0C to 70C, 44-PLCC, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR SIDAC|98V V(BO) MAX|800MA I(S)|DO-214AA SIDAC的| 98V V(下公报)最大| 800mA的我(县)|DO - 214AA SIDAC|25V V(BO) MAX|800MA I(S)|DO-214AA SIDAC的| 25V的五(公报)最大| 800mA的我(县)|DO - 214AA SIDAC|220V V(BO) MAX|800MA I(S)|DO-214AA SIDAC的| 220五(公报)最大| 800mA的我(县)|DO - 214AA MCU CMOS 40 LD 10MHZ 8K OTP, -40C to 85C, 40-PDIP, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 40 LD 10MHZ 8K OTP, -40C to 125C, 40-PDIP, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 85C, 16-QFN, T/R SIDAC的| 130V五(公报)最大| 800mA的我(县)|20VAR 14 PIN, 1.5KB STD FLASH, 67 RAM, 12 I/O, PB FREE, -40C to 85C, 14-SOIC 150mil, T/R SIDAC的| 98V V(下公报)最大| 800mA的我(县)|2VAR MCU CMOS 44 LD 33MHZ 4K EPRM, -40C to 85C, 44-TQFP, TRAY SIDAC的| 260伏特五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 40 LD 40MHZ 8K OTP, -40C to 85C, 40-PDIP, TUBE SIDAC的| 300V五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 44 LD 20MHZ 4K EPRM, -40C to 125C, 44-MQFP, TRAY SIDAC的| 25V的五(公报)最大| 800mA的我(县)|2VAR SIDAC|400V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC的| 400V五(公报)最大| 800mA的我(县)|20VAR MCU CMOS 68 LD 16MHZ 16K EPRM, 0C to 70C, 68-PLCC, TUBE SIDAC的| 260伏特五(公报)最大| 800mA的我(县)|20VAR MCU CMOS 28 LD 40MHZ 16K OTP, -40C to 85C, 28-SOIC 300mil, T/R SIDAC的| 300V五(公报)最大| 800mA的我(县)|2VAR SIDAC|250V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC的| 250V五(公报)最大| 800mA的我(县)|20VAR
|
Littelfuse, Inc. Ohmite Mfg. Co. Analog Devices, Inc. Vishay Intertechnology, Inc. Molex, Inc. Vicor, Corp. TE Connectivity, Ltd. Marktech Optoelectronics Intel, Corp.
|
M37270 M37270MF M37270MF-168SP |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER Single Chip 8 Bits Microcomputer(8位单片机)
|
Mitsubishi Electric Corporation
|
GMS34140T GMS34004T GMS34112T GMS34112TK |
Program memory:1024 bytes, 300KHz-500KHz, 4-5 V, 4 BIT single chip microcomputer 4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
|